PART |
Description |
Maker |
CXK77P36E160GB-43BE CXK77P18E160GB-4BE CXK77P18E16 |
1M X 18 STANDARD SRAM, 3.7 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 3.8 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.1 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18) 16Mb的龙运RL HSTL高速同步静态存储器(为512k × 3600万18 CAP 820PF 50V 20% X7R SMD-0603 TR-7 PLATED-NI/SN
|
http:// Yuasa Battery, Inc. Integrated Circuit Technology Corp Microsemi, Corp. Sony, Corp. Sony Corporation
|
FDZ291P06 FDZ291P |
P-Channel 1.5 V Specified PowerTrench? BGA MOSFET P-Channel 1.5 V Specified PowerTrench㈢ BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
K7P401811M-HC160 K7P403611M-HC200 K7P403611M |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM Data Sheet 128K X 36 STANDARD SRAM, 2.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119
|
Samsung Electronic
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
EWIXP465AB EWIXP455AD EWIXP455ACT EWIXP455ADT EWIX |
266 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 533 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 667 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544
|
Intel, Corp. INTEL CORP
|
US115T US115TE US112 US112T US112E US211 US211E US |
Analog IC Intel® LXT16726 DeMUX, 132-pin BGA, Tray Intel® LXT16726 DeMUX, 142-pin BGA, Tray
|
|
IBM25PPC405EP-3GA133C IBM25PPC405EP-3GA200C IBM25P |
32-BIT, 133.33 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 200 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 266.66 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385
|
Electronic Theatre Controls, Inc.
|
IBM25PPC750FX-GB0132T IBM25PPC750FX-EB1032T IBM25P |
32-BIT, 600 MHz, RISC PROCESSOR, CBGA292 21 X 21 MM, 1 MM PITCH, CERAMIC, BGA-292 32-BIT, 733 MHz, RISC PROCESSOR, CBGA292 21 X 21 MM, 1 MM PITCH, CERAMIC, BGA-292 32-BIT, 700 MHz, RISC PROCESSOR, CBGA292 21 X 21 MM, 1 MM PITCH, CERAMIC, BGA-292
|
Fox Electronics
|
S587-10-272-10-005437 |
272 BGA ADAPTER
|
Actel Corporation
|
CA-MLF52C-A-S-01 |
BGA Prototyping Adaptor
|
Ironwood Electronics.
|
|